Part Number Hot Search : 
PNP3638A 2SK2903 AN7715SP 78LR05 KA7924 SGABMDB MT8880CP P0RB0
Product Description
Full Text Search
 

To Download R12A05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EUROLINE - DC/DC-Converter
RxxA and RxxB Series, 1 Watt, DIP14/SIP7, 1kVDC Isolation (Dual Output) Features
Wide Temperature Performance at full 1 Watt Load, -40C to +85C Industry Standard Pinout 1kVDC Isolation

Efficiency to 78% UL 94V-O Package Material Internal SMD Construction MTTF up to 2.1 Million Hours
Selection Guide 5V and 12V, input types
Part Number Voltage R05A05 R05A09 R05A12 R05A15 R05B05 R05B09 R05B12 R05B15 R12A05 R12A09 R12A12 R12A15 R12B05 R12B09 R12B12 R12B15 Nom. Input Voltage (VDC) 5 5 5 5 5 5 5 5 12 12 12 12 12 12 12 12 Rated Output Voltage (VDC) 5 9 12 15 5 9 12 15 5 9 12 15 5 9 12 15 Rated Output Current (mA) 100 55 42 33 100 55 42 33 100 55 42 33 100 55 42 33 Input Current at Rated Load (mA) 289 270 266 263 289 270 266 263 120 113 111 110 120 113 111 110 Efficiency (%) 69 75 77 78 69 75 77 78 69 74 75 76 69 74 75 76 Isolation Capacitance (pF) 28 32 34 36 28 32 34 36 33 46 55 54 33 46 55 54 SIP7 DIP14 SIP7 DIP14 Package Style
Absolute Maximum Ratings
Input Voltage VIN 5V types Input Voltage VIN 12V types Short Circuit Duration 1) Internal Power Dissipation Lead Temperature (1.5 mm from case for 10 seconds)
1).
7V 15V 1s 450mW 300 C
Supply voltage must be discontinued at the end of the short circuit duration.
www.recom-international.com
EU 11
EUROLINE - DC/DC-Converter
RxxA and RxxB Series, 1 Watt, DIP14/SIP7, 1kVDC Isolation (Dual Output) Electrical Specifications (measured at TA = 25C, at nominal input voltage and rated output current unless otherwise specified)
Input Voltage Range VIN (continuous operation) Reflected Ripple Current (depending on the type) Voltage Set Point Accuracy (depending on the type) Line Regulation Load Voltage Regulation (10% load to 100% full load) 5V output types 9V output types 12V output types 15V output types 5V input types 12V input types 4.5VDC min. / 5.5VDC max. 10.8VDC min. / 13.2VDC max. 20 mA p-p min. to 33 mA p-p max. See Tolerance Envelope 1.0% / 1.2% of VIN 10% min. / 12.5% max. 9% min. / 10% max. 6.5% min. / 7.5% max. 6% min. / 7.5% max. 20mVp-p min. / 75mVp-p max. 1000VDC min. 1000 Vpk min. 10 G typ. VIN 5V types VIN 12V types SIP types DIP types 110kHz typ. 140kHz typ. 2.1 g 2.4 g -40C min. to +85C max. (see graph) -50C min. +130C max. 5V output types all other output types -40C +25C +85C +33C max. +28C max. 184kHrs min. / 2068kHrs max. 154kHrs min. / 1697kHrs max. 129kHrs min. / 1368kHrs max.
Ripple & Noise (20MHz band limited) (depending on the type) Isolation Voltage (flash tested for 1 second) Test Voltage (50Hz, 10 seconds) Resistance (Viso = 500V) Switching Frequency Package Weight Operating Temperature Range (all output types) Storage Temperature Range Case Temperature Above Ambient MTTF 1) (depending on the type)
1).
Calculated using MIL-HDBK-217F with nominal input voltage at full load. Please contact us, if you need exact parameters for the converter you have selected.
Typical Characteristics, Tolerance Envelope and Temperature Derating Graph
R05A/Bxx
100 80 60 Efficiency (%) 40 20 0 20 40 60 80 100 Deviation from Nominal (%) 0512, 0515 0505 0509 +20 +15 +10 +5 0 -5 -10 0 20 40 60 80 100 10% 50% 100% Total Output Current (%) Output Load Current (%) 0505 0509 0512 0515
Tolerance Envelope
+10% +5% V Nom. Output Voltage
Typical Lo ad Line
+2,5% - 2,5% - 7,5%
Total Output Current (%)
R12A/Bxx
100 80 60 Efficiency (%) 40 20 0 20 40 60 80 100 Deviation from Nominal (%) 1212, 1215 1209 +20 +15 +10 +5 0 1212 -5 -10 0 20 40 60 80 100 Total Output Current (%) 1209, 1215 1205
Temperature Derating Graph
2.0 Output Power (Watts) 1.5 1.0 0.5 0 -40
Safe Operating Area
1205
0
50
100 85 120
150
Total Output Current (%)
Ambient Temperature C
EU 12
www.recom-international.com
EUROLINE - DC/DC-Converter
RxxA and RxxB Series, 1 Watt, DIP14/SIP7, 1kVDC Isolation (Dual Output) Package Style and Pinning (mm)
14 Pin DIP Package Style
7 Pin SIP Package Style
VIN 14
-V 11
+V 0V 98 7 Pin SIP
(Top View)
GND 1
NC 7
1 2 456 VIN GND -V OV +V
19.90
RxxAxx RECOM ****
19.60 6.00
10.00
7.10
10.20
RxxBxx RECOM ****
0.500.05
4.1
7.62
0.500.05 4.1 0.500.05
0.250.05 1.25 typ. 7.62
2.0
12.70
0.250.05
15.24
Recommended Footprint Details
1.00o+0.15/-0 2.54 2.54
1.00o+0.15/-0
2.54
2.54
XX.X 0.5 mm XX.XX 0.25 mm
www.recom-international.com
EU 13


▲Up To Search▲   

 
Price & Availability of R12A05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X